Part Number Hot Search : 
P11N60 T10N400 MBJ28C BL402 A24C1 BL402 A7500 DF5A68F
Product Description
Full Text Search
 

To Download MS-7-164-W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Barrier Blocks Series 164
.375 Density, 6-32 x 5/16" BH Screw, Open Bottom, Double Row
Electrical Characteristics
Voltage Rating: 250 Volts maximum Current Rating: 15 Amps maximum Maximum Watts Per Terminal: 3750
Mechanical Characteristics
Maximum Wire Size: #14 Recommended Tightening Torque: 12 lb.-in.
Dimensions
Ordering Information
No. of Terminals 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21
Catalog No. 1-164 2-164 3-164 4-164 5-164 6-164 7-164 8-164 9-164 10-164 11-164 12-164 13-164 14-164 15-164 16-164 17-164 18-164 19-164 20-164 21-164
"M" Dim. (in) 0.750 1.125 1.500 1.875 2.250 2.625 3.000 3.375 3.750 4.125 4.500 4.875 5.250 5.625 6.000 6.375 6.750 7.125 7.500 7.875 8.250
"L" Dim. (in) 1.032 1.407 1.782 2.157 2.532 2.907 3.282 3.657 4.032 4.407 4.782 5.157 5.532 5.907 6.282 6.657 7.032 7.407 7.782 8.157 8.532
Marketed exclusively through distribution.
Call Toll Free: 1 (800) 323-9612
2-20
Barrier Blocks Series 164
.375 Density, 6-32 x 1/4" BH Screw, Open Bottom, Double Row
Solder Terminal Options Dimensions
"Y" Terminals
"3/4W" Terminals
"W" Terminals
Ordering Information
No. of Terminals 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21
Catalog No. 1-164-Y 2-164-Y 3-164-Y 4-164-Y 5-164-Y 6-164-Y 7-164-Y 8-164-Y 9-164-Y 10-164-Y 11-164-Y 12-164-Y 13-164-Y 14-164-Y 15-164-Y 16-164-Y 17-164-Y 18-164-Y 19-164-Y 20-164-Y 21-164-Y
Catalog No. 1-164-3/4W 2-164-3/4W 3-164-3/4W 4-164-3/4W 5-164-3/4W 6-164-3/4W 7-164-3/4W 8-164-3/4W 9-164-3/4W 10-164-3/4W 11-164-3/4W 12-164-3/4W 13-164-3/4W 14-164-3/4W 15-164-3/4W 16-164-3/4W 17-164-3/4W 18-164-3/4W 19-164-3/4W 20-164-3/4W 21-164-3/4W
Catalog No. 1-164-W 2-164-W 3-164-W 4-164-W 5-164-W 6-164-W 7-164-W 8-164-W 9-164-W 10-164-W 11-164-W 12-164-W 13-164-W 14-164-W 15-164-W 16-164-W 17-164-W 18-164-W 19-164-W 20-164-W 21-164-W
Marketed exclusively through distribution.
2-21
Call Toll Free: 1 (800) 323-9612
DURA-CON(R) Barrier Blocks High Reliability Series 164 All-Plastic
Marker Strips Dimensions
Standard
[.050" (1.27mm) Density .375 Density, 6-32 x 1/4" Solder Cup/Wire Bottom, BH Screw, Open D-Microminiature] Double Row
"Y" Terminal
2
Ordering Information
No. of Terminals 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21
Catalog No. N/A MS-2-140 MS-3-140 MS-4-140 MS-5-140 MS-6-140 MS-7-140 MS-8-140 MS-9-140 MS-10-140 MS-11-140 MS-12-140 MS-13-140 MS-14-140 MS-15-140 MS-16-140 MS-17-140 MS-18-140 MS-19-140 MS-20-140 MS-21-140
Catalog No. N/A MS-2-140-Y MS-3-140-Y MS-4-140-Y MS-5-140-Y MS-6-140-Y MS-7-140-Y MS-8-140-Y MS-9-140-Y MS-10-140-Y MS-11-140-Y MS-12-140-Y MS-13-140-Y MS-14-140-Y MS-15-140-Y MS-16-140-Y MS-17-140-Y MS-18-140-Y MS-19-140-Y MS-20-140-Y MS-21-140-Y
Use Standard Marker Strips for "3/4W" and "W" Solder Terminals.
Marketed exclusively through distribution.
Call Toll Free: 1 (800) 323-9612
2-22


▲Up To Search▲   

 
Price & Availability of MS-7-164-W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X